Part Number Hot Search : 
26C31 PM75B 24000 LC3517B TS154 N5404 LC3517B 16245
Product Description
Full Text Search
 

To Download B250FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b40fs ... b500fs b40fs ... b500fs fast switching surface mount si-bridge-rectifiers schnelle si-brckengleichrichter fr die oberfl?chenmontage version 2010-05-20 dimensions - ma?e [mm] nominal current nennstrom 1 a alternating input voltage eingangswechselspannung 40...380 v plastic case so-dil kunststoffgeh?use so-dil 8.3 x 6.4 x 3.1 [mm] weight approx. C gewicht ca. 0.4 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle recognized product C underwriters laboratories inc.? file e175067 anerkanntes produkt C underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ max. alternating input voltage max. eingangswechselspannung v vrms [v] repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] 1 ) b40fs 40 80 b80fs 80 160 b125fs 125 250 B250FS 250 600 b380fs 380 800 repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 10 a 2 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 40/44 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 8 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c 1 valid per diode C gltig pro diode 2 max. temperature of the terminals t t = 100c C max. temperatur der anschlsse t t = 100c ? diotec semiconductor ag http://www.diotec.com/ 1 0 . 2 5 3 . 3 - 0 . 1 10.2 0.4 7.9 0.4 ~ ~ + 1.3 3 . 1 - 0 . 1 8.3 -0.1 5.1 type typ
b40fs ... b500fs characteristics kennwerte max. average forward rectified current dauergrenzstrom t a = 50c r-load c-load i fav i fav 1.0 a 1 ) 0.8 a 1 ) forward voltage C durchlass-spannung t j = 25c i f = 1 a v f < 1.3 v 2 ) leakage current C sperrstrom t j = 25c v r = v rrm i r < 10 a reverse recovery time sperrverzug i f = 0.5 a through/ber i r = 1 a to/auf i r = 0.25 a t rr < 300 ns thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 60 k/w 1 ) type typ max. admissible load capacitor max. zul?ssiger ladekondensator c l [f] min. required protective resistor min. erforderl. schutzwiderstand r t [] b40fs 2500 0.005 2.0 80 b80fs 1250 0.005 4.0 160 b125fs 800 0.005 6.3 250 B250FS 333 0.005 15.0 600 b380fs 250 0.005 20.0 800 1 mounted on p.c. board with 25 mm 2 copper pads at each terminal montage auf leiterplatte mit 25 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 valid per diode C gltig pro diode 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature zul. richtstrom in abh. von der umgebungstemp. i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 10 10 1 10 10 2 -1 -2 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) t = 25c j t = 125c j 40a-(1a-1.3v) 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8


▲Up To Search▲   

 
Price & Availability of B250FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X